Part Number Hot Search : 
14H22 S9014 SXX18 LTC4280 DG421CY 20N120C MAZ4036 20AVT1
Product Description
Full Text Search
 

To Download WRM0207Y-1K0JI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions (mm) and weight (g) type l d d 1 k weight max max max min wrm 0102 2.2 1.1 1.1 0.35 0.01 wrm 0204 3. 6 1.4 1.4 0.5 0.02 wrm 0207 6.0 2.2 2.2 1.1 0.08 mini melf resistors wrm series high reliability predictable pulse handling capability tolerances down to 0.1% tcr down to 5 ppm/? general note welwyn components reserves the right to make changes in product specification without notice or liability. all information is subject to welwyns own data and is considered accurate at time of going to print. ?welwyn components limited ?bedlington, northumberland ne22 7aa, uk telephone: +44 (0) 1670 822181 ?facsimile: +44 (0) 1670 829465 ?email: info@welwyn-tt.com ?website: www.welwyn-tt.com wrm 0102 wrm 0204 wrm 0207 power rating at 70? watts 0.2 0.25 0.4 resistance range ohms r22 ?2m21 r22 ?10m r22 ?8m2 limiting element voltage volts 150 200 250 tcr ppm/? 15, 25, 50 5, 15, 25, 50 25, 50 resistance tolerance % 0.1, 0.25, 0.5, 1.0, 2, 5 standard values e24 & e96 thermal impedance k/w 250 200 140 ambient temperature range ? -55 to +125 insulation resistance ohms >10 10 electrical data physical data issue d ?09.06 a subsidiary of tt electronics plc welwyn components l k l 1 d d 1 construction a metal film is deposited onto a high dissipation ceramic former to which tin plated teminating caps are fitted. the resistor is adjusted to value by a helical cut in the film and the body is protected by a lacquer coating. marking resistance values are colour coded with 4 or 5 bands depending on type. terminations material plated steel cap. solderability the pure tin finish produces ageing free contacts on which low melting solders can be used. dipped area shall be covered with a smooth and bright solder coating after 3 seconds immersion at 215?. solvent resistance the body protection and marking are resistant to all normal industrial cleaning solvents suitable for printed circuit boards.
mini mel f resistor s wrm serie s ? w elwyn components limited bedlington, northumberland ne22 7aa, uk t elephone: +44 (0 ) 1670 822181 facsimile: +44 (0 ) 1670 829465 email: info@welwyn-tt.com w ebsite: ww w .welwyn-tt.com issue d 09.06 w e l wyn components tcr and t olerance rang e * tc 10ppm & 5ppm is specified over the temperatu r e range -10c to +85c. * resistors to be mounted on a pc-boa r d acco r ding to iec 115-1, clause 4.27.1 performance dat a e c n a r e l o t r c t e p y t refe r ence 5 % 2 % 1.0 % 0.5 % 0.25 % 0.1% wrm0102 50pp m r22 ? r9 1 iro ? 9r 1 10r ? 2.21 m 47rs ? 221 k 100r ? 221 k ? wrm0102 25pp m ? ? 10r ? 221 k 47r5 ? 221 k 100r ? 221 k 100r ? 100k wrm0102 15pp m ? ? ? 100r ? 100 k 100r ? 100 k 100r ? 100k wrm0102 10pp m ? ? ? ? ? ? wrm0102 05pp m ? ? ? ? ? ? wrm0204 50pp m r22 ? r9 1 ? 1r ? 10 m 10r ? 475 k 22r ? 332 k 43r ? 332k wrm0204 25pp m ? ? 10r ? 475 k 10r ? 475 k 22r ? 332 k 43r ? 332k wrm0204 15pp m ? ? ? 10r ? 221 k 22r ? 221 k 43r ? 221k wrm0204 10pp m ? ? ? ? 22r ? 221 k 43r ? 221k wrm0204 05pp m ? ? ? ? 100r ? 100 k 100r ? 100k wrm0207 50pp m r22 ? r9 1 ? 1r ? 8.2 m 10r ? 1 m ? ? wrm0207 25pp m ? ? ? 10r ? 1 m ? ? wrm0207 15pp m ? ? ? ? ? ? wrm0207 10pp m ? ? ? ? ? ? wrm0207 05pp m ? ? ? ? ? ? t est results  r/r stability class 0 . 1 5 . 0 5 2 . 0 n o i t p i r c s e d 10 ? <75 0.22 ? <10 75 ? <100 k >100 k ? 332 k >332 k ? 10 m short time overload* 0.05% + 0.01 0.1% + 0.01 0.25% + 0.05 bending test* 0.05% + 0.01 0.1% + 0.01 0.25% + 0.05 resistance to soldering heat 0.05% + 0.01 0.1% + 0.01 0.25% + 0.05 t emperatu r e rapid change 0.05% + 0.01 0.1% + 0.01 0.25% + 0.05 endurance* load lif e 1000h 0.25% + 0.05 0.25% + 0.05 0.5% + 0.05 8000 h 0.5% + 0.05 0.5% + 0.05 1.0% + 0.05 climatic sequence* 0.25% + 0.05 0.5% + 0.05 1.0% + 0.05 damp heat steady state* 0.25% + 0.05 0.5% + 0.05 1.0% + 0.05 v / v 3 < v / v 5 2 . 0 < v / v 5 0 . 0 < e s i o n t n e r r u c h t o o m s a h t i w d e r e v o c e b l l a h s a e r a d e p p i d y t i l i b a r e d l o s and bright solder coating of at least 96% 0 1 . 5 . 0 < t n e i c i f f e o c e g a t l o v 6 /v f o o r p e g a t l o v 200v 300v 500v
mini melf resistors wrm series ?welwyn components limited bedlington, northumberland ne22 7aa, uk telephone: +44 (0) 1670 822181 ?facsimile: +44 (0) 1670 829465 ?email: info@welwyn-tt.com ?website: www.welwyn-tt.com issue d ?09.06 welwyn components 100 10 1 0,1 10 s 100 s 1 ms 10 ms 100 ms 1 s 10 s pulse duration t i pulse load p max wrm 0102 wrm 0204 wrm 0207 w 100 10 1 0,1 10 s 100 s 1 ms 10 ms 100 ms 1 s 10 s pulse duration t i continuous pulse load p max wrm 0102 wrm 0204 wrm 0207 w single pulse maximum pulse load continuous pulses maximum pulse load type wrm 0204 c - 1k0 f i size tcr value (use iec62 code) tolerance (use iec62 code) packing c 50ppm/? t 10ppm/? d 25ppm/? v 5ppm/? y 15ppm/? b 0.1% d 0.5% g 2% c 0.25% f 1% j 5% 0102 3000 / reel (7? i tape 0204 3000 / reel (7?* standard 0207 1500 / reel (7? ordering procedure example: wrm0204 at 1 kilohm, 1% tolerance and 50ppm/? tcr on a reel of 3000 pieces - * high precision parts may be supplied on 1000 piece reels ?please enquire packaging the wrm 0102 and 0204 resistors are supplied reeled on 8mm blister tape. wrm 0207 resistors are supplied on 12mm blister tape. packaging complies with the requirements of iec 286-3.


▲Up To Search▲   

 
Price & Availability of WRM0207Y-1K0JI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X